PART |
Description |
Maker |
74OL6000 74OL6011 74OL6001 74OL6010 |
HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
QT[QT Optoelectronics]
|
FQD20N06LE FQU20N06LE FQD20N06LETM |
60V N-Channel Logic level QFET (Built in ESD Protection Diode) 60V LOGIC N-Channel MOSFET 17.2 A, 60 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FQD19N10L FQU19N10L FQD19N10LTF FQD19N10LTM |
GIGATRUE CAT6 UNIVERSAL JACK, WHITE 100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
ACSL-6210-00RE ACSL-6210-50RE ACSL-6300 ACSL-6310 |
4 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 15 Mbps Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
|
AVAGO TECHNOLOGIES LIMI... AVAGO TECHNOLOGIES LIMITED
|
FQU12N20L FQD12N20L FQU12N20 FQD12N20LTF FQD12N20L |
200V N-Channel Logic Level QFET 200V LOGIC N-Channel MOSFET 9 A, 200 V, 0.32 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74OL6001NL |
6-Pin DIP LSTTL to TTL Inverter High-Speed Logic-To-Logic Output Optocoupler 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps
|
Fairchild Semiconductor, Corp.
|
FDP7030BL FDB7030BL FDP7030 FDB7030BLNL |
N-Channel Logic Level PowerTrenchTM MOSFET N-Channel Logic Level PowerTrench MOSFET 60 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FOD0738R2 FOD0708 |
Single Channel CMOS Optocoupler 15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 15 Mbps
|
Fairchild Semiconductor, Corp.
|
HUF76439P3 HUF76439S3S HUF76439S3ST |
71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-TSSOP -40 to 85 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 71A, 60V, 0.014Ohm, N-Channel, Logic Lvl UltraFET Power MOSFET 71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. Intersil, Corp.
|
FQB13N06L FQI13N06L FQB13N06LTM FQI13N06LTU |
60V LOGIC N-Channel MOSFET 60V N-Channel Logic level QFET
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
FQU4N20L FQD4N20L FQD4N20LTM FQD4N20LTF |
200V LOGIC N-Channel MOSFET 200V N-Channel Logic Level QFET
|
FAIRCHILD[Fairchild Semiconductor]
|
|